|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SP24A Series 20-Tap High Performance Passive Delay Modules Fast Rise Time, Low DCR High Bandwidth 0.35 / tr Low Distortion LC Network 20 Equal Delay Taps Standard Impedances: 50 - 75 - 100 - 200 Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) .................................... 5% to 10%, typical Pulse Distortion (S) ...................................................... 3% typical Working Voltage ............................................. 25 VDC maximum Dielectric Strength .......................................... 100VDC minimum Insulation Resistance ......................... 1,000 M min. @ 100VDC Temperature Coefficient ................................. 70 ppm/OC, typical Bandwidth (fC) ....................................................... 0.35/tr approx. Operating Temperature Range ............................ -55O to +125OC Storage Temperature Range ............................... -65 O to +150OC Electrical Specifications 1, 2, 3 at 25OC Total (ns) Tap-to-Tap (ns) 50 Ohm Part Number Note: For SMD Package Add "G" to end of P/N in Table Below Rise Time max. (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 10 0.50 20 1.00 25 1.25 30 1.50 40 2.00 50 2.50 60 3.00 70 3.50 75 3.75 80 4.00 100 5.00 150 7.50 200 10.0 250 12.5 300 15.0 0.5 0.2 1.0 0.4 1.25 0.5 1.5 0.5 2.0 0.5 2.5 0.5 3.0 0.6 3.5 0.8 3.75 0.8 4.0 1.0 5.0 1.0 7.5 2.0 10.0 2.0 12.5 3.0 15.0 3.0 SP24A-105 SP24A-205 SP24A-255 SP24A-305 SP24A-405 SP24A-505 SP24A-605 SP24A-705 SP24A-755 SP24A-805 SP24A-1005 SP24A-1505 SP24A-2005 SP24A-2505 SP24A-3005 2.5 3.7 4.0 4.8 5.5 6.0 7.0 7.9 8.7 9.4 11.8 15.5 20.0 26.0 32.0 1.0 1.7 1.8 1.9 2.1 2.2 2.4 2.6 2.6 2.8 3.0 3.4 3.6 3.8 4.4 SP24A-107 SP24A-207 SP24A-257 SP24A-307 SP24A-407 SP24A-507 SP24A-607 SP24A-707 SP24A-757 SP24A-807 SP24A-1007 SP24A-1507 SP24A-2007 SP24A-2507 SP24A-3007 2.5 3.7 4.0 4.8 5.5 6.0 7.0 7.9 8.8 9.4 12.2 15.8 20.6 26.9 32.4 1.0 1.7 1.8 1.9 2.1 2.2 2.4 2.6 2.6 2.8 3.2 3.4 3.6 3.8 4.4 SP24A-101 SP24A-201 SP24A-251 SP24A-301 SP24A-401 SP24A-501 SP24A-601 SP24A-701 SP24A-751 SP24A-801 SP24A-1001 SP24A-1501 SP24A-2001 SP24A-2501 SP24A-3001 2.8 3.7 4.0 4.8 5.5 6.2 7.1 8.1 8.8 9.5 12.8 16.0 21.0 28.0 32.5 1.3 1.8 2.1 2.3 2.4 2.6 2.7 2.8 2.9 3.0 3.3 3.7 4.1 4.4 5.2 SP24A-102 SP24A-202 SP24A-252 SP24A-302 SP24A-402 SP24A-502 SP24A-602 SP24A-702 SP24A-752 SP24A-802 SP24A-1002 SP24A-1502 SP24A-2002 SP24A-2502 SP24A-3002 3.5 4.0 4.5 5.0 7.5 9.0 10.0 11.0 11.5 12.0 15.0 23.0 31.0 38.0 46.0 2.5 3.9 4.4 4.8 5.0 5.2 5.3 5.4 5.5 5.7 6.0 7.0 8.1 9.2 9.9 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated to ground through RL=ZO Dimensions in Inches (mm) SP24A Style 20-Tap Schematic COM 100% 95% 90% 85% 80% 75% 70% 65% 60% 55% N/C 24 23 22 21 20 19 18 17 16 15 14 13 Default Thru-hole 24-Pin Package. Example: SP24A-105 1.270 (32.30) MAX. .590 (14.99) MAX. .020 .295 (0.51) (7.49) TYP. MAX. .120 (3.05) MIN. .010 (0.25) TYP. 1 IN 2 8 9 3 4 10 5 6 7 11 12 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% COM .018 (0.46) TYP. .040 (1.02) TYP. .100 (2.54) TYP. .600 (15.24) 1.270 (32.30) MAX. .590 (14.99) MAX. Alternate Pinout, Similar 20 Tap Electricals, refer to Series SP24 Also, for same 24-Pin package and Single Output refer to Series SP241 .018 (0.46) TYP. .295 (7.49) MAX. .040 (1.02) TYP. .100 (2.54) TYP. .022 (0.56) TYP. .080 (2.03) .737 (18.72) .010 (0.25) TYP. Gull wing SMD Package Add suffix "G" to P/N. Example: SP24A-105G Specifications subject to change without notice. For other values & Custom Designs, contact factory. SP24A 9901 Rhombus Industries Inc. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971 www.rhombus-ind.com * email: sales@rhombus-ind.com |
Price & Availability of SP24A-1001 |